Part Number Hot Search : 
LMP2003 53100 E222M E222M 1N4151 64GA108 ISL6267 GRM033R
Product Description
Full Text Search
 

To Download 447LW330XM08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Band-in-a-Can Backshell with Qwik-Clamp Strain-Relief and Self-Locking Rotatable Coupling
CONNECTOR DESIGNATOR:
Angle and Profile S - Straight W - 90 Elbow Product Series 447 - EMI/RFI Non-Environmental Banding Backshells Slot Option S - Pigtail Termin. Slot (Omit for none)
447-330 Composite Non-Environmental EMI/RFI
Composite Backshells
Finish Symbol (See Table III)
A
A F L H G U
MIL-DTL-5015, -26482 Series II, and -83723 Series I and III MIL-DTL-38999 Series I, II MIL-DTL-38999 Series 1.5 (JN1003) MIL-DTL-38999 Series III and IV MIL-DTL-28840 DG123 and DG123A
Basic Part Number
Cable Entry (See Table IV)
447
H
S
330
XM
19 28
K
S
B
SELF-LOCKING
ROTATABLE COUPLING STANDARD PROFILE
Connector Designator A, F, L, H, G and U
Connector Shell Size (See Table II)
Band Option Band supplied with K option (Omit for none)
C
1.63 (41.4) Accommodates 600-052-1 Band J .44 (11.2) Typ.
F E
D
Pigtail Termination Entry Diameter Slot
G Cable Range H Entry Diameter J
E
Anti-Decoupling Device
US PATENT 5211576
Cable Range
H
F
1. 2. 3.
NOTES
Metric dimensions (mm) are in parenthesis and are for reference only. Coupling nut supplied unplated. See Table I in Intro for front-end dimensional details.
G
(c) 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com A-82
Band-in-a-Can Backshell with Qwik-Clamp Strain-Relief and Self-Locking Rotatable Coupling
TABLE II: CONNECTOR SHELL SIZE Shell Size For E F Connector Designator* A F/L H G U .06 (1.5) .09 (2.3) .09 08 08 09 - - .69 (17.5) .88 (22.4) 1.19 10 10 11 - 08 .75 (19.1) 1.00 (25.4) 1.25 12 12 13 11 10 .81 (20.6) 1.13 (28.7) 1.31 14 14 15 13 12 .88 (22.4) 1.31 (33.3) 1.38 16 16 17 15 14 .94 (23.9) 1.38 (35.1) 1.44 18 18 19 17 16 .97 (24.6) 1.44 (36.6) 1.47 20 20 21 19 18 1.06 (26.9) 1.63 (41.4) 1.56 22 22 23 - 20 1.13 (28.7) 1.75 (44.5) 1.63 24 24 25 23 22 1.19 (30.2) 1.88 (47.8) 1.69 28 - - 25 24 1.34 (34.0) 2.13 (54.1) 1.78
G
Max Entry (2.3) Dash No** (30.2) 08 (31.8) 12 (33.3) 16 (35.1) 20 (36.6) 24 (37.3) 28 (39.6) 32 (41.4) 36 (42.9) 40 (45.2) 44
**Consult factory for additional entry sizes available.
TABLE III: FINISH
Symbol XM XMT XW Finish Description 2000 Hour Corrosion Resistant Electroless Nickel 2000 Hour Corrosion Resistant Ni-PTFE, NickelFluorocarbon Polymer. 1000 Hour GreyTM 2000 Hour Corrosion Resistant Cadmium/Olive Drab over Electroless Nickel
TABLE IV: CABLE ENTRY Entry H J Entry Dia. Cable Range Code .06 (1.5) .06 (1.5) .03 (0.8) Minimum Maximum 08 .72 (18.3) .97 (24.6) .25 (6.4) .10 (2.5) .25 (6.4) 12 .91 (23.1) 1.11 (28.2) .38 (9.7) .20 (5.1) .38 (9.7) 16 1.09 (27.7) 1.21 (30.7) .50 (12.7) .33 (8.4) .50 (12.7) 20 1.22 (31.0) 1.21 (30.7) .63 (15.9) .45 (11.4) .63 (15.9) 24 1.34 (34.0) 1.21 (30.7) .75 (19.1) .52 (13.2) .75 (19.1) 28 1.53 (38.9) 1.36 (34.5) .88 (22.2) .64 (16.3) .88 (22.2) 32 1.72 (43.7) 1.51 (38.4) 1.00 (25.4) .77 (19.6) 1.00 (25.4) 36 1.85 (47.0) 1.51 (38.4) 1.13 (28.6) .86 (21.8) 1.13 (28.6) 40 1.97 (50.0) 1.51 (38.4) 1.25 (31.8) .98 (24.9) 1.25 (31.8) 44 2.09 (53.1) 1.63 (41.4) 1.38 (35.1) 1.13 (28.6) 1.38 (35.1) * Entry diameter equals maximum wire bundle diameter. ** Cable range equals cable outer diameter.
(c) 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com A-83
Composite Backshells
447-330 Composite Non-Environmental EMI/RFI
A
B
C
D
E
F
G


▲Up To Search▲   

 
Price & Availability of 447LW330XM08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X